Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC109 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74HC109
Description  Dual J-K Flip-Flops (with Preset and Clear)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC109 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  HD74HC109 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn