Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC108 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74HC108
Description  Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC108 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HC108 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC108 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC108 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC108 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC108 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC108 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC108 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC108 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC108 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74HC108
4
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
6
5
MHz
frequency
4.5
30
24
6.0
35
28
Propagation delay t
PLH
2.0
150 —
190
ns
Clock to Q or
Q
time
t
PHL
4.5
20
30
38
6.0
26
33
2.0
140 —
175
ns
Clear to Q or
Q
4.5
18
28
35
6.0
24
30
2.0
140 —
175
ns
Preset to Q or
Q
4.5
16
28
35
6.0
24
30
Pulse width
t
w
2.0
80
100
ns
4.5
16
7
20
6.0
14
17
Setup time
t
su
2.0
100 —
125
ns
4.5
20
2
25
6.0
17
21
Hold time
t
h
2.0
5
5
ns
4.5
5
–1
5
6.0
5
5
Removal time
t
rem
2.0
100 —
125
ns
4.5
20
–2
25
6.0
17
21
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn