Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC10 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HD74HC10
Description  Triple 3-input NAND Gates
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC10 Datasheet(HTML) 2 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74HC10
2
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
1.5
V
4.5
3.15 —
3.15
6.0
4.2
4.2
V
IL
2.0
0.5
0.5
V
4.5
1.35 —
1.35
6.0
1.8
1.8
Output voltage
V
OH
2.0
1.9
2.0
1.9
V
Vin = V
IH or VIL
I
OH = –20 µA
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
4.5
4.18 —
4.13
I
OH = –4 mA
6.0
5.68 —
5.63
I
OH = –5.2 mA
V
OL
2.0
0.0
0.1
0.1
V
Vin = V
IH or VIL
I
OL = 20 µA
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
4.5
0.26 —
0.33
I
OL = 4 mA
6.0
0.26 —
0.33
I
OL = 5.2 mA
Input current
Iin
6.0
±0.1 —
±1.0 µA
Vin = V
CC or GND
Quiescent supply
current
I
CC
6.0
1.0
10
µA
Vin = V
CC or GND, Iout = 0 µA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74LV10ATriple 3-input Positive NAND Gates 1 2 3 4 5 MoreHitachi Semiconductor
54LS10Triple 3-Input NAND Gates 1 2 3 4 5 MoreNational Semiconductor (TI)
DM54L10Triple 3-Input NAND Gates 1 2 3 4 National Semiconductor (TI)
HD74LS10Triple 3-input Positive NAND Gates 1 2 3 4 5 Hitachi Semiconductor
5410Triple 3-Input NAND Gates 1 2 3 4 National Semiconductor (TI)
74LVT103.3V Triple 3-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
SN54ACT10TRIPLE 3-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
HD74LS27Triple 3-input Positive NOR Gates 1 2 3 4 5 Hitachi Semiconductor
DM7427DM7427 Triple 3-Input NOR Gates 1 2 3 4 National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn