Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC10 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74HC10
Description  Triple 3-input NAND Gates
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC10 Datasheet(HTML) 4 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-14
Conforms
Conforms
0.97 g
Unit: mm
7.62
0.25
0
° – 15°
19.20
20.32 Max
1
8
14
7
1.30
2.54
± 0.25
0.48
± 0.10
+ 0.10
– 0.05
2.39 Max


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74LV10ATriple 3-input Positive NAND Gates 1 2 3 4 5 MoreHitachi Semiconductor
54LS10Triple 3-Input NAND Gates 1 2 3 4 5 MoreNational Semiconductor (TI)
DM54L10Triple 3-Input NAND Gates 1 2 3 4 National Semiconductor (TI)
HD74LS10Triple 3-input Positive NAND Gates 1 2 3 4 5 Hitachi Semiconductor
5410Triple 3-Input NAND Gates 1 2 3 4 National Semiconductor (TI)
74LVT103.3V Triple 3-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
SN54ACT10TRIPLE 3-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
HD74LS27Triple 3-input Positive NOR Gates 1 2 3 4 5 Hitachi Semiconductor
DM7427DM7427 Triple 3-Input NOR Gates 1 2 3 4 National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn