Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC05 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74HC05
Description  Hex Inverters (with Open Drain Outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC05 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74HC05 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC05 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC05 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC05 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC05 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC05 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC05 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HD74HC05
Hex Inverters (with Open Drain Outputs)
Features
• High Speed Operation: t
pd = 9 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
Pin Arrangement
1
2
3
4
5
6
7
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
14
13
12
11
10
9
8
(Top view)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HD74LV05A Hex Inverters with Open Drain Outputs 1  2  3  4  5  More Hitachi Semiconductor
ACS05MS Radiation Hardened Hex Inverter with Open Drain Outputs 1  2  Intersil Corporation
74AC05 Hex Inverter with Open Drain Outputs 1  2  3  4  Fairchild Semiconductor
MC74LCX06 Low-Voltage CMOS Hex Inverter with Open Drain Outputs 1  2  3  4  5  More ON Semiconductor
74LCX06 Low Voltage Hex Inverter/Buffer with Open Drain Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX07 Low Voltage Hex Buffer with Open Drain Outputs 1  2  3  4  5  More Fairchild Semiconductor
SN54LV07A HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS 1  2  3  4  5  More Texas Instruments
54AC05 Hex Inverter with Open Drain Outputs 1  2  3  4  5  More National Semiconductor (TI)
MC74LCX07 Low-Voltage CMOS Hex Buffer with Open Drain Outputs 1  2  3  4  5  More ON Semiconductor
TC74LCX07FT Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs open drain 1  2  3  4  5  More Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn