Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74CDCV857 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74CDCV857
Description  2.5-V Phase-lock Loop Clock Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74CDCV857 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74CDCV857 Datasheet HTML 1Page - Hitachi Semiconductor HD74CDCV857 Datasheet HTML 2Page - Hitachi Semiconductor HD74CDCV857 Datasheet HTML 3Page - Hitachi Semiconductor HD74CDCV857 Datasheet HTML 4Page - Hitachi Semiconductor HD74CDCV857 Datasheet HTML 5Page - Hitachi Semiconductor HD74CDCV857 Datasheet HTML 6Page - Hitachi Semiconductor HD74CDCV857 Datasheet HTML 7Page - Hitachi Semiconductor HD74CDCV857 Datasheet HTML 8Page - Hitachi Semiconductor HD74CDCV857 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HD74CDCV857
2
Function Table
Inputs
:
Outputs
:
PLL
AV
CC
PWRDWN CLK
CLK
:
Y
Y
FBOUT
FBOUT
GND
H
L
H
:
L
H
L
H
:
Bypassed / off
*1
GND
H
H
L
:
H
L
H
L
:
Bypassed / off
*1
XL
L
H
:
ZZZZ
:
off
XL
H
L
:
ZZZZ
:
off
2.5 V
H
L
H
:
HL
HL
:
on
2.5 V
H
H
L
:
HL
HL
:
on
2.5 V
X
0 MHz 0 MHz
:
ZZZZ
:
off
H :
High level
L :
Low level
X :
Don’t care
Z :
High impedance
Note:
1. Bypasse mode is used for Hitachi test mode.


Similar Part No. - HD74CDCV857

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
More results

Similar Description - HD74CDCV857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857B TI1-CDCV857B_17 Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV855 TI1-CDCV855_16 Datasheet
765Kb / 15P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857 TI1-CDCV857_08 Datasheet
352Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com