Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74CDCF2510B Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD74CDCF2510B
Description  140 MHz, 0 to 85°C Operation 3.3-V Phase-lock Loop Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74CDCF2510B Datasheet(HTML) 3 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HD74CDCF2510B
3
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
V
CC
–0.5 to 4.6
V
Input voltage
*1
V
I
–0.5 to 6.5
V
Output voltage
*1, 2
V
O
–0.5 to V
CC +0.5
V
Input clamp current
I
IK
–50
mA
V
I < 0
Output clamp current
I
OK
±50
mA
V
O < 0 or VO > VCC
Continuous output current
I
O
±50
mA
V
O = 0 to VCC
Supply current
I
CC or IGND
±100
mA
Maximum power dissipation
at Ta = 55
°C (in still air) *3
P
T
0.7
W
Storage temperature
T
stg
–65 to +150
°C
Notes:
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage
to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute maximum rated conditions for extended periods may affect
device reliability.
1. The input and output negative voltage ratings may be exceeded if the input and output clamp
current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation is calculated using a junction temperature of 150
°C and
a board trace length of 750 mils.
Recommended Operating Conditions
Item
Symbol Min
T y p
M a x
Unit
Conditions
Supply voltage
V
CC
3.0
3.6
V
Input voltage
V
IH
2.0
V
V
IL
0.8
V
I
0—
V
CC
Output current
I
OH
–12
mA
I
OL
——12
Operating temperature
T
a
0—
85
°C
Note: Unused inputs must be held high or low to prevent them from floating.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn