Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE434S01-T1 Datasheet(PDF) 4 Page - NEC

Part # NE434S01-T1
Description  C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE434S01-T1 Datasheet(HTML) 4 Page - NEC

  NE434S01-T1 Datasheet HTML 1Page - NEC NE434S01-T1 Datasheet HTML 2Page - NEC NE434S01-T1 Datasheet HTML 3Page - NEC NE434S01-T1 Datasheet HTML 4Page - NEC NE434S01-T1 Datasheet HTML 5Page - NEC NE434S01-T1 Datasheet HTML 6Page - NEC NE434S01-T1 Datasheet HTML 7Page - NEC NE434S01-T1 Datasheet HTML 8Page - NEC NE434S01-T1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
NE434S01
S-PARAMETERS
VDS = 2 V, ID = 15 mA
START 2 Ghz, STOP 18 Ghz, STEP 500 Mhz
S11
1.0
0.5
2.0
0
–0.5
–2.0
–1.0
5
4
3
2
1
Rmax. = 1
S12
+90˚
±180˚
0
–90˚
Rmax. = 0.25
+135˚
+45˚
–135˚
–45˚
1
2
3
4
5
S21
+90˚
±180˚
0
–90˚
Rmax. = 1.0
+135˚
+45˚
–135˚
–45˚
1
2
3
4
5
S22
1.0
0.5
2.0
0
–0.5
–2.0
–1.0
5
Rmax. = 1
4
3
2
1
Marker
1:
2:
3:
4:
5:
4 GHz
8 GHz
12 GHz
16 GHz
18 GHz


Similar Part No. - NE434S01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE434S01-T1 NEC-NE434S01-T1 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE434S01-T1 CEL-NE434S01-T1 Datasheet
42Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE434S01-T1B NEC-NE434S01-T1B Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE434S01-T1B CEL-NE434S01-T1B Datasheet
42Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
More results

Similar Description - NE434S01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com