Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74CDCF2509B Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74CDCF2509B
Description  140 MHz, 0 to 85째C Operation 3.3-V Phase-lock Loop Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74CDCF2509B Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74CDCF2509B Datasheet HTML 2Page - Hitachi Semiconductor HD74CDCF2509B Datasheet HTML 3Page - Hitachi Semiconductor HD74CDCF2509B Datasheet HTML 4Page - Hitachi Semiconductor HD74CDCF2509B Datasheet HTML 5Page - Hitachi Semiconductor HD74CDCF2509B Datasheet HTML 6Page - Hitachi Semiconductor HD74CDCF2509B Datasheet HTML 7Page - Hitachi Semiconductor HD74CDCF2509B Datasheet HTML 8Page - Hitachi Semiconductor HD74CDCF2509B Datasheet HTML 9Page - Hitachi Semiconductor HD74CDCF2509B Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74CDCF2509B
6
Electrical Characteristics
Item
Symbol Min
Typ
*1
Max
Unit Test Conditions
Input clamp voltage
V
IK
–1.2
V
V
CC = 3 V, II = –18 mA
Output voltage
V
OH
V
CC–0.2
V
V
CC = Min to Max, IOH = –100 µA
2.1
V
CC = 3 V, IOH = –12 mA
2.4
V
CC = 3 V, IOH = –6 mA
V
OL
0.2
V
CC = Min to Max, IOL = 100 µA
0.8
V
CC = 3 V, IOL = 12 mA
0.55
V
CC = 3 V, IOL = 6 mA
Input current
I
IN
——
±5
µAV
CC = 3.6 V, VIN = VCC or GND
Quiescent supply
current
I
CC
——
10
µAAV
CC = GND, VCC = 3.6 V,
V
I = VCC or GND, IO = 0
∆I
CC
500
µAAV
CC = GND, VCC = 3.3 to 3.6 V
One input at V
CC–0.6 V,
Other inputs at V
CC or GND
Input capacitance
C
IN
—4
—pF
V
CC = 3.3 V, VI = VCC or GND
Output capacitance
C
O
—6
—pF
V
CC = 3.3 V, VO = VCC or GND
Note:
1. For conditions shown as Min or Max, use the appropriate value specified under recommended
operating conditions.


Similar Part No. - HD74CDCF2509B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CDCF2509B RENESAS-HD74CDCF2509B Datasheet
217Kb / 9P
   140 MHz, 0 to 85째C Operation 3.3-V Phase-lock Loop Clock Driver
HD74CDCF2509BTEL RENESAS-HD74CDCF2509BTEL Datasheet
217Kb / 9P
   140 MHz, 0 to 85째C Operation 3.3-V Phase-lock Loop Clock Driver
More results

Similar Description - HD74CDCF2509B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CDCF2509B RENESAS-HD74CDCF2509B Datasheet
217Kb / 9P
   140 MHz, 0 to 85째C Operation 3.3-V Phase-lock Loop Clock Driver
logo
Hitachi Semiconductor
HD74CDCF2510B HITACHI-HD74CDCF2510B Datasheet
43Kb / 11P
   140 MHz, 0 to 85째C Operation 3.3-V Phase-lock Loop Clock Driver
logo
Renesas Technology Corp
HD74CDCF2510B RENESAS-HD74CDCF2510B Datasheet
251Kb / 10P
   140 MHz, 0 to 85°C Operation 3.3-V Phase-lock Loop Clock Driver
Apr 07, 2006
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com