Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HD74BC623A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74BC623A
Description  Octal Bus Transceivers With 3 State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74BC623A Datasheet(HTML) 4 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74BC623A
4
Electrical Characteristics (Ta = –40 to +85°C)
Item
Symbol
V
CC (V)
Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
V
V
IL
0.8
V
Output voltage
V
OH
4.5
2.4
V
I
OH = –3 mA
4.5
2.0
V
I
OH = –15 mA
V
OL
4.5
0.5
V
I
OL = 48 mA
4.5
0.55
V
I
OL = 64 mA
Input diode voltage
V
IK
4.5
–1.2
V
I
IN = –18 mA
Input current
I
I
5.5
–250
µAV
IN = 0 V
5.5
1.0
µA
GAB or
GBA, V
IN = 5.5 V
5.5
100
µA
An or Bn, V
IN = 5.5 V
5.5
100
µA
GAB or
GBA = 7 V
Output short circuit current*
1
I
OS
5.5
–100
–225
mA
V
IN = 0 or 5.5 V
Off state output current
I
OZH
5.5
–100
µAV
O = 2.7 V
I
OZL
5.5
–250
µAV
O = 0.5 V
Supply current
I
CCL
5.5
31.5
mA
V
IN = 0 or 5.5V
All outputs is “L”
I
CCH
5.5
500
µAV
IN = 0 or 5.5V
All outputs is “H”
I
CCZ
5.5
4.5
mA
V
IN = 0 or 5.5V
All outputs is “Z”
I
CCT*
2
5.5
1.5
mA
V
IN = 3.4 or 0.5V
Notes: 1. Not more than one output should be shorted at a time and duration of the short circuit should not
exceed one second.
2. When input by the TTL level, it shows I
CC increase at per one input pin.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn