Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW12700 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW12700
Description  General Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW12700 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW12700_11 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(7.0 A)
5 hour rate(11.2 A)
1 hour rate(42.0 A)
70 AH
56 AH
42 AH
Full charged Battery at 25 (77 )
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T16
T33
Initial Charging Current less than 28 A
Voltage 14.10-14.40V
Voltage 13.50-13.80V
SW12700(12V70AH)
4
9.0
8.4
7.8
9.6
2
1
10.2
10.8
11.4
12.0
12.6
13.2
13.8
10
(Min)
6 8
40
20
60
(h)
4
2
6
10
8
20 40
70A
148A
14A
7A
35A
Self-Discharge
at 25
(77
)
Characteristics
Outer dimensions (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
10.20V
10.50V
10.80V
11.10V
9.60V
approx
5.0 m
M6 BOLT&NUT
6.2
3
20
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Weight Approx
12V
70 Ah
179 mm (7.05 inches)
179 mm (7.05 inches)
350 mm (13.8 inches)
166mm (6.54 inches)
22.5 Kg (49.72lbs)
350
350
265
265
166
166
Specifications
Terminal Type (mm)
1
1
1
1
1
1
14
M6
16
T9
T16


Similar Part No. - SW12700_11

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW12700 SUNNYWAY-SW12700_17 Datasheet
340Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW12700_11

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW12100 SUNNYWAY-SW12100_1 Datasheet
402Kb / 1P
   General Battery
SW12220 SUNNYWAY-SW12220 Datasheet
528Kb / 1P
   General Battery
SW12260 SUNNYWAY-SW12260 Datasheet
442Kb / 1P
   General Battery
SW12700 SUNNYWAY-SW12700 Datasheet
435Kb / 1P
   General Battery
SW121100 SUNNYWAY-SW121100 Datasheet
536Kb / 1P
   General Battery
SW660 SUNNYWAY-SW660_1 Datasheet
344Kb / 1P
   General Battery
SW1215 SUNNYWAY-SW1215 Datasheet
429Kb / 1P
   General Battery
SW1223 SUNNYWAY-SW1223 Datasheet
413Kb / 1P
   General Battery
SW1226 SUNNYWAY-SW1226_1 Datasheet
424Kb / 1P
   General Battery
SW1240 SUNNYWAY-SW1240 Datasheet
380Kb / 1P
   General Battery
SW633 SUNNYWAY-SW633 Datasheet
420Kb / 1P
   General Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com