Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTS30100CTF Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSTS30100CTF
Description  High Junction Temperature High ESD Protection High Forward & Reverse Surge capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSTS30100CTF Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSTS30100CTF Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSTS30100CTF Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSTS30100CTF Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSTS30100CTF Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSTS30100CTF Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSTS30100CTF Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSTS30100CT/CTF
©Silikron Semiconductor CO., LTD.
2013.4.23
Version: 2.3
page
1of6
www.silikron.com
Main Product Characteristics:
IF
2×15A
VRRM
100V
Tj(max)
150℃
Vf(typ)
0.64V
Features and Benefits:
High Junction Temperature
High ESD Protection
High Forward & Reverse Surge capability
Description:
Schottky Barrier Rectifier designed for high frequency switch model power supplies such as adaptors and DC/DC
convertors; this product special design for high forward and reverse surge capability
Absolute Rating:
Symbol
Characterizes
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
100
V
VR(RMS)
RMS Reverse Voltage
70
V
IF(AV)
Average Forward Current
Per diode
15
A
Per device
30
A
IFSM
Non Repetitive Surge Forward Current(tp=8.3ms sinusoidal)
200
A
IRRM
Peak Repetitive Reverse Surge Current(Tp=2us)
0.5
A
TJ
Maximum operation Junction Temperature Range
-55~150
Tstg
Storage Temperature Range
-55~150
Thermal Resistance
Symbol
Characterizes
Value
Unit
RθJC
Maximum Thermal Resistance Junction To
Case(per leg)
TO220
2.3
℃/W
RθJC
TO220F
5.3
℃/W
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Characterizes
Min
Typ
Max
Unit
Test Condition
VR
Reverse Breakdown Voltage
100
V
IR=0.5mA
VF
Forward Voltage Drop
0.5
V
IF=5A, TJ=25℃
0.55
V
IF=7.5A, TJ=25℃
0.61
V
IF=10A, TJ=25℃
0.7
0.8
V
IF=15A, TJ=25℃
0.45
V
IF=5A, TJ=125℃
0.52
V
IF=7.5A, TJ=125℃
0.57
V
IF=10A, TJ=125℃
0.64
0.7
V
IF=15A, TJ=125℃
IR
Leakage Current
0.1
mA
VR=100V, TJ=25℃
20
VR=100V, TJ=125℃
TO220F
SSTS30100CTF
TO220
SSTS30100CT
Schematic Diagram


Similar Part No. - SSTS30100CTF

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSTS30120CT SILIKRON-SSTS30120CT Datasheet
328Kb / 6P
   High Junction Temperature
SSTS30120CTF SILIKRON-SSTS30120CTF Datasheet
328Kb / 6P
   High Junction Temperature
More results

Similar Description - SSTS30100CTF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
   High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
Shanghai Leiditech Elec...
SS15U60 LEIDITECH-SS15U60 Datasheet
218Kb / 3P
   High forward surge capability
logo
Sangdest Microelectroni...
S1A-F SMC-S1A-F Datasheet
114Kb / 5P
   High forward surge capability
logo
Vishay Siliconix
VSB2045-M3 VISHAY-VSB2045-M3 Datasheet
87Kb / 5P
   High forward surge capability
Revision: 22-Nov-13
logo
STMicroelectronics
STPSC12C065-Y STMICROELECTRONICS-STPSC12C065-Y Datasheet
178Kb / 8P
   High forward surge capability
January 2015 Rev 1
logo
DIYI Electronic Technol...
SL2045 DYELEC-SL2045 Datasheet
2Mb / 2P
   High Forward Surge Capability
logo
STMicroelectronics
STPSC8H065C STMICROELECTRONICS-STPSC8H065C Datasheet
152Kb / 8P
   High forward surge capability
November 2013 Rev 2
logo
Shanghai Leiditech Elec...
MUR16120DC LEIDITECH-MUR16120DC Datasheet
437Kb / 3P
   High forward surge capability
logo
Shenzhen Ping Sheng Ele...
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
   High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
   High forward surge current capability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com