Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74BC564A Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74BC564A
Description  Octal D Type Flip Flops With 3 State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74BC564A Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74BC564A Datasheet HTML 2Page - Hitachi Semiconductor HD74BC564A Datasheet HTML 3Page - Hitachi Semiconductor HD74BC564A Datasheet HTML 4Page - Hitachi Semiconductor HD74BC564A Datasheet HTML 5Page - Hitachi Semiconductor HD74BC564A Datasheet HTML 6Page - Hitachi Semiconductor HD74BC564A Datasheet HTML 7Page - Hitachi Semiconductor HD74BC564A Datasheet HTML 8Page - Hitachi Semiconductor HD74BC564A Datasheet HTML 9Page - Hitachi Semiconductor HD74BC564A Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HD74BC564A
8
Waveforms-3
0 V
3 V
t f
1.5 V
0 V
1.5 V
1.5 V
1.5 V
t ZL
tZH
t LZ
t HZ
OL
V
+ 0.3 V
OH
V
– 0.3 V
3.5 V
VOL
VOH
Waveform–A
Waveform–B
t r
90%
10%
90%
10%
Output
Control
Notes:
1.
t
r = 2.5 ns, tf = 2.5 ns
2.
Input waveform: PRR = 1 MHz, duty cycle 50%
3.
Waveform-A shows input conditions such that the output is “L” level when enable by the
output control.
4.
Waveform-B shows input conditions such that the output is “H” level when enable by the
output control.


Similar Part No. - HD74BC564A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC563A HITACHI-HD74BC563A Datasheet
45Kb / 9P
   Octal D Type Transparent Latches With 3 State Outputs
More results

Similar Description - HD74BC564A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74HC564 HITACHI-HD74HC564 Datasheet
65Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74LVC534 HITACHI-HD74LVC534 Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com