Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HD74BC534A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74BC534A
Description  Octal D Type Flip Flops With 3 State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74BC534A Datasheet(HTML) 6 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74BC534A
6
Waveforms-1
tPLH
tPHL
VOH
VOL
0 V
1.5 V
1.5 V
3 V
1.5 V
1.5 V
Input
D
Output
Q
3 V
0 V
t r
t f
t r
10%
90%
90%
10%
90%
90%
10%
10%
t f
Input
CK
1.5 V
Waveforms-2
0 V
1.5 V
3 V
1.5 V
Input
D
3 V
0 V
t f
1.5 V
t r
1.5 V
Input
CK
10%
90%
90%
10%
tsh
t
w
t


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn