Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HD74BC534A Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD74BC534A
Description  Octal D Type Flip Flops With 3 State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74BC534A Datasheet(HTML) 5 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74BC534A
5
Switching Test Method (C
L = 50 pF)
Ta = 25
°C
V
CC = 5.0 V
Ta = –40 to 85
°C
V
CC = 5.0 V ±10%
Item
Symbol
Min
Max
Min
Max
Unit
Test Conditions
Propagation
CK
→ Q t
PLH
3.0
8.0
3.0
10.0
ns
See under figure
delay time
t
PHL
3.0
8.0
3.0
10.0
Output enable time
t
ZH
3.0
9.0
3.0
11.0
ns
t
ZL
3.0
9.0
3.0
11.0
Output disable time
t
HZ
3.0
8.0
3.0
10.0
ns
t
LZ
3.0
8.0
3.0
10.0
Setup time
t
s (H)
2.0
2.0
ns
t
s (L)
2.0
2.0
Hold time
t
h(H)
2.0
2.0
ns
t
h(L)
2.0
2.0
Pulse width
t
w(H)
6.0
6.0
ns
t
w(L)
6.0
6.0
Input capacitance
C
IN
3.0(Typ)
pF
V
IN = VCC or GND
Output capacitance
C
O
15.0(Typ)
pF
V
O = VCC or GND
Test Circuit
VCC
1
Q to 8Q
1D to 8D
G
Output
OPEN
7V
Pulse Generator
Zout = 50 Ω
Pulse Generator
Zout = 50 Ω
Input
Input
CK
50
Scope
VCC
C =
50 pF
L
450
*2
Notes:
1.
C
L includes probe and jig capacitance.
2.
OPEN: t
PLH, t PHL, t ZH, t HZ, t h, t s , t w
7V: t
ZL, t LZ


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn