Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5561P1 Datasheet(PDF) 4 Page - NEC

Part # NDL5561P1
Description  1 300 nm OPTICAL ANALOG CATV SYSTEM 80 mm InGaAs PIN PHOTO DIODE MODULE WITH SMF
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5561P1 Datasheet(HTML) 4 Page - NEC

  NDL5561P1 Datasheet HTML 1Page - NEC NDL5561P1 Datasheet HTML 2Page - NEC NDL5561P1 Datasheet HTML 3Page - NEC NDL5561P1 Datasheet HTML 4Page - NEC NDL5561P1 Datasheet HTML 5Page - NEC NDL5561P1 Datasheet HTML 6Page - NEC NDL5561P1 Datasheet HTML 7Page - NEC NDL5561P1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NDL5481P Series
0
2.5
5.0
Frequency f (GHz)
FREQUENCY RESPONSE
VR = 10 V
λ = 1 300 nm
RL = 50
Modulation Index (%)
40
–100
–80
–60
–40
–20
0
50
60
70
80
90
100
2 LD, 2 Tone Test
f = 187.25 MHz, 193.25 MHz
VR = 10 V,
λ = 1 300 nm
MODULATION INDEX vs. IMD2
Pin
+6 dBm
0 dBm
+3 dBm
–3 dBm
Optical Input Power Pin (dBm)
–4
–100
–80
–60
–40
–20
0
–2
0
2
468
2 LD, 2 Tone Test
f = 187.25 MHz, 193.25 MHz
VR = 10 V,
λ = 1 300 nm
OPTICAL INPUT POWER vs. IMD2
OMI
90%
70%
50%


Similar Part No. - NDL5561P1

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5561P1 NEC-NDL5561P1 Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5561P1 NEC-NDL5561P1 Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5561P1 NEC-NDL5561P1 Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5561P1 NEC-NDL5561P1 Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5561P1 RENESAS-NDL5561P1 Datasheet
200Kb / 10P
   PHOTO DIODE
1996
More results

Similar Description - NDL5561P1

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
logo
NEC
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Microsemi Corporation
MXP4005 MICROSEMI-MXP4005 Datasheet
121Kb / 2P
   InGaAs/InP PIN Photo Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com