Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVCH16820 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74ALVCH16820
Description  3.3-V 10-bit Flip Flops with Dual Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCH16820 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74ALVCH16820 Datasheet HTML 1Page - Hitachi Semiconductor HD74ALVCH16820 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVCH16820 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCH16820 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH16820 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH16820 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH16820 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH16820 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH16820 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HD74ALVCH16820
3.3-V 10-bit Flip Flops with Dual Outputs
ADE-205-170B (Z)
3rd. Edition
December 1999
Description
The flip flops of the HD74ALVCH16820 are edge triggered D-type flip flops. On the positive transition of
the clock (CLK) input, the device provides true data at the Q outputs. A buffered output enable (
OE) input
can be used to place the ten outputs in either a normal logic state (high or low logic level) or a high
impedance state. In the high impedance state, the outputs neither load nor drive the bus lines significantly.
The high impedance state and increased drive provide the capability to drive bus lines without need for
interface or pullup components.
OE input does not affect the internal operation of the flip flops. Old data
can be retained or new data can be entered while the outputs are in the high impedance state. Active bus
hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
Features
• V
CC = 2.3 V to 3.6 V
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V)
• Bus hold on data inputs eliminates the need for external pullup / pulldown resistors


Similar Part No. - HD74ALVCH16820

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVCH16820 RENESAS-HD74ALVCH16820 Datasheet
2Mb / 12P
   3.3-V 10-bit Flip Flops with Dual Outputs
More results

Similar Description - HD74ALVCH16820

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVCH16820 RENESAS-HD74ALVCH16820 Datasheet
2Mb / 12P
   3.3-V 10-bit Flip Flops with Dual Outputs
logo
Hitachi Semiconductor
HD74ALVCH162820 HITACHI-HD74ALVCH162820 Datasheet
51Kb / 12P
   3.3-V 10-bit Flip Flops with Dual Outputs and 3-state Outputs
HD74ALVCH162721 HITACHI-HD74ALVCH162721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16721 RENESAS-HD74ALVCH16721 Datasheet
241Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
HD74ALVCH162721 RENESAS-HD74ALVCH162721 Datasheet
251Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCH16721 HITACHI-HD74ALVCH16721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162820 TI-SN74ALVCH162820 Datasheet
126Kb / 9P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
SN74ALVCH16820 TI-SN74ALVCH16820 Datasheet
122Kb / 9P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
SN74ALVCH162820 TI1-SN74ALVCH162820_15 Datasheet
437Kb / 13P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
SN74ALVCH16820 TI1-SN74ALVCH16820_09 Datasheet
317Kb / 12P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com