Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HD74ALVCH16543 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74ALVCH16543
Description  16-bit Registered Transceivers with 3-state Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74ALVCH16543 Datasheet(HTML) 4 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HD74ALVCH16543
4
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
V
CC
–0.5 to 4.6
V
Input voltage
*1, 2
V
I
–0.5 to 4.6
V
Except I/O ports
–0.5 to V
CC +0.5
I/O ports
Output voltage
*1, 2
V
O
–0.5 to V
CC +0.5
V
Input clamp current
I
IK
–50
mA
V
I < 0
Output clamp current
I
OK
±50
mA
V
O < 0 or VO > VCC
Continuous output current
I
O
±50
mA
V
O = 0 to VCC
±100
Maximum power dissipation
at Ta = 55
°C (in still air) *3
P
T
1
W
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes:
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage
to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute maximum rated conditions for extended periods may affect device
reliability.
1. The input and output negative voltage ratings may be exceeded if the input and output clamp
current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation is calculated using a junction temperature of 150
°C
and a board trace length of 750 mils.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage
V
CC
2.3
3.6
V
Input voltage
V
I
0V
CC
V
Output voltage
V
O
0V
CC
V
High level output current
I
OH
–12
mA
V
CC = 2.3 V
–12
V
CC = 2.7 V
–24
V
CC = 3.0 V
Low level output current
I
OL
—12
mA
V
CC = 2.3 V
—12
V
CC = 2.7 V
—24
V
CC = 3.0 V
Input transition rise or fall rate
∆t / ∆v
0
10
ns / V
Operating temperature
Ta
–40
85
°C
Note:
Unused control inputs must be held high or low to prevent them from floating.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn