Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP0701N3-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # LP0701N3-G
Description  P-Channel Enhancement-Mode Lateral MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP0701N3-G Datasheet(HTML) 5 Page - Supertex, Inc

  LP0701N3-G Datasheet HTML 1Page - Supertex, Inc LP0701N3-G Datasheet HTML 2Page - Supertex, Inc LP0701N3-G Datasheet HTML 3Page - Supertex, Inc LP0701N3-G Datasheet HTML 4Page - Supertex, Inc LP0701N3-G Datasheet HTML 5Page - Supertex, Inc LP0701N3-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
LP0701
Supertex inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
1
8
Seating
Plane
Gauge
Plane
L
L1
L2
E
E1
D
e
b
A A2
A1
Seating
Plane
A
A
Top View
Side View
View B
View B
θ1
θ
Note 1
(Index Area
D/2 x E1/2)
View A-A
h
h
Note 1
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN 1.35* 0.10 1.25 0.31 4.80* 5.80* 3.80*
1.27
BSC
0.25 0.40
1.04
REF
0.25
BSC
0O
5O
NOM
-
-
-
-
4.90 6.00 3.90
-
-
-
-
MAX 1.75 0.25 1.65* 0.51 5.00* 6.20* 4.00*
0.50 1.27
8O
15O
JEDEC Registration MS-012, Variation AA, Issue E, Sept. 2005.
* This dimension is not specified in the JEDEC drawing.
Drawings are not to scale.
Supertex Doc. #: DSPD-8SOLGTG, Version I041309.
Note:
This chamfer feature is optional. A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier;
an embedded metal marker; or a printed indicator.
1.


Similar Part No. - LP0701N3-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-G SUTEX-LP0701N3-G Datasheet
769Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-GP002 SUTEX-LP0701N3-GP002 Datasheet
769Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-GP003 SUTEX-LP0701N3-GP003 Datasheet
769Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-GP005 SUTEX-LP0701N3-GP005 Datasheet
769Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - LP0701N3-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
logo
Microchip Technology
LP0701 MICROCHIP-LP0701 Datasheet
540Kb / 14P
   P-Channel Enhancement-Mode Lateral MOSFET
08/15/18
logo
Supertex, Inc
LP0701LG-G SUTEX-LP0701LG-G Datasheet
597Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701_13 Datasheet
769Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
32Kb / 4P
   P-Channel Enhancement-Mode Lateral MOSFET
LP1030D SUTEX-LP1030D Datasheet
467Kb / 3P
   300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
logo
NXP Semiconductors
A2T23H160-24S NXP-A2T23H160-24S Datasheet
455Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 11/2015
A3T21H360W23S NXP-A3T21H360W23S Datasheet
402Kb / 16P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 08/2017
AFT09S220-02N NXP-AFT09S220-02N Datasheet
481Kb / 19P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 9/2015
MRF6V3090N NXP-MRF6V3090N Datasheet
723Kb / 20P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 10/2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com