Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS01-24D05W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # SDS01-24D05W
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

SDS01-24D05W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  SDS01-24D05W Datasheet HTML 1Page - Power Mate Technology Co., LTD SDS01-24D05W Datasheet HTML 2Page - Power Mate Technology Co., LTD SDS01-24D05W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
ZZZ3'8.(FRP
2014/07/31
SDS01W
SDH01W
SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 1.08WATTS
FEATURES
APPLICATIONS
ULTRA SMALL SMD AND DIP PACKAGE, 0.52 x 0.36x 0.40 INCH WITH REGULATED
SMD PACKAGE QUALIFIED FOR LEADFREE REFLOW SOLDER PROCESS
ACCORDING IPC J-STD-020D
NO MINIMUM LOAD REQUIRED
CONTINUOUS SHORT CIRCUIT PROTECTION
1600VDC INPUT TO OUTPUT ISOLATION AND 3000VDC FOR OPTION
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
OCP
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
F
SDS(H)01-12S3P3W
4.5 ~ 18
3.3
300
15
77
1680
SDS(H)01-12S05W
4.5 ~ 18
5
200
20
79
820
SDS(H)01-12S12W
4.5 ~ 18
12
90
20
81
470
SDS(H)01-12S15W
4.5 ~ 18
15
70
20
81
330
SDS(H)01-12S24W
4.5 ~ 18
24
45
25
80
160
SDS(H)01-12D05W
4.5 ~ 18
±5
±100
25
77
±470
SDS(H)01-12D12W
4.5 ~ 18
±12
±45
25
80
±330
SDS(H)01-12D15W
4.5 ~ 18
±15
±35
25
81
±220
SDS(H)01-24S3P3W
9 ~ 36
3.3
300
10
76
1680
SDS(H)01-24S05W
9 ~ 36
5
200
10
78
820
SDS(H)01-24S12W
9 ~ 36
12
90
10
81
470
SDS(H)01-24S15W
9 ~ 36
15
70
10
81
330
SDS(H)01-24S24W
9 ~ 36
24
45
10
80
160
SDS(H)01-24D05W
9 ~ 36
±5
±100
10
77
±470
SDS(H)01-24D12W
9 ~ 36
±12
±45
10
80
±330
SDS(H)01-24D15W
9 ~ 36
±15
±35
10
81
±220
SDS(H)01-48S3P3W
18 ~ 75
3.3
300
5
75
1680
SDS(H)01-48S05W
18 ~ 75
5
200
5
78
820
SDS(H)01-48S12W
18 ~ 75
12
90
5
81
470
SDS(H)01-48S15W
18 ~ 75
15
70
6
81
330
SDS(H)01-48S24W
18 ~ 75
24
45
6
80
160
SDS(H)01-48D05W
18 ~ 75
±5
±100
6
77
±470
SDS(H)01-48D12W
18 ~ 75
±12
±45
6
80
±330
SDS(H)01-48D15W
18 ~ 75
±15
±35
6
81
±220
PART NUMBER STRUCTURE
SDS01 - 48
S
05 W
H
Series Name
Input
Output
Output
Input
Isolation
Voltage
Quantity
Voltage
Range
Option
(VDC)
(VDC)
SDS: SMD type
12: 4.5~18 S:Single 3P3:3.3
4:1



: 1600VDC Isolation
SDH: DIP type
24: 9~36
05:5
H: 3000VDC Isolation
48:18~75
12:12
15:15
24:24
D:Dual
05: 5
12: 12
15: 15


Similar Part No. - SDS01-24D05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SDS01-24D05W P-DUKE-SDS01-24D05W Datasheet
438Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - SDS01-24D05W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com