Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAF150US36 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # TAF150US36
Description  2 X 4 Inch AC-DC POWER SUPPLIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

TAF150US36 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  TAF150US36 Datasheet HTML 1Page - Power Mate Technology Co., LTD TAF150US36 Datasheet HTML 2Page - Power Mate Technology Co., LTD TAF150US36 Datasheet HTML 3Page - Power Mate Technology Co., LTD TAF150US36 Datasheet HTML 4Page - Power Mate Technology Co., LTD TAF150US36 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAF150
1
www.PDUKE.com
2014/7/30
TAF150 SERIES
2 X 4 Inch AC-DC POWER SUPPLIES
UNIVERSAL INPUT RANGE
UP TO 150Watts
FEATURES
APPLICATIONS
LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
WIDE INPUT VOLTAGE RANGE 85 TO 264VAC, 47 TO 63HZ
ACTIVE POWER FACTOR CORRECTION
BUILT-IN EMI FILTER
OUTPUT VOLTAGE ADJUSTABLE
OPEN FRAME DIMENSIONS 2.00 X 4.00 X 1.16 INCH
3000VAC INPUT TO OUTPUT REINFORCED INSULATION
PROTECTION TYPE CLASS I AND CLASS II
LOW LEAKAGE CURRENT UNDER 300µA
OPERATING ALTITUDE 5000M
3 YEAR WARRANTY
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
3000VAC ISOLATION
OCP
SCP
OVP
LOW STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at 230VAC input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@ Forced air cooling
50
℃ Ta with 10CFM
Output Current
@ Natural convection
50
℃ Ta
Efficiency
Model
Number
VAC
VDC
A
A
%
TAF150US12
85 ~ 264
12
12.50
8.33
91
TAF150US15
85 ~ 264
15
10.00
7.33
92
TAF150US24
85 ~ 264
24
6.25
4.58
92
TAF150US28
85 ~ 264
28
5.36
3.92
92
TAF150US36
85 ~ 264
36
4.17
3.05
92
TAF150US48
85 ~ 264
48
3.13
2.08
92
PART NUMBER STRUCTURE
T
A
F
150
U
S
12
-
Application
Package
Dimension
Output
Input
Output
Output
Protection
Option
Code
Code
Power
Voltage
Quantity
Voltage
Type
(W)
(VAC)
(VDC)
Industry
A: Open type
U:Universal
S:Single
12: 12V
No suffix: CLASS I
F: External FAN
Application
U: U chassis type
85 ~ 264VAC
15: 15V
B: CLASS II
(E type only)
E: Enclosed type
24: 24V
D: Din rail (E type only)
28: 28V
36: 36V
48: 48V


Similar Part No. - TAF150US36

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TAF150US36 P-DUKE-TAF150US36 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TAF150US36 P-DUKE-TAF150US36 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TAF150US36 P-DUKE-TAF150US36 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
More results

Similar Description - TAF150US36

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TUF150 P-DUKE-TUF150_14 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TAF150 P-DUKE-TAF150_14 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TDF150 P-DUKE-TDF150_14 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
logo
TDK Electronics
CUS250M TDK-CUS250M Datasheet
2Mb / 10P
   2 x 4” 250W AC-DC Power Supplies
August 23rd 2022 V2
logo
MicroPower Direct, LLC
MPM-07S MPD-MPM-07S Datasheet
234Kb / 2P
   Compact 1 x 2 Inch 7W, Single Output AC/DC Power Supplies
logo
TDK Electronics
ZPSA20-12 TDK-ZPSA20-12 Datasheet
315Kb / 2P
   2 x 3.5??14-22W AC-DC Power Supplies
logo
MicroPower Direct, LLC
MPM-05MM MPD-MPM-05MM Datasheet
547Kb / 2P
   Miniature 1 x 1 Inch 5W, Single Output AC/DC Power Supplies
logo
Murata Power Solutions ...
MVAD040-12 MURATA-PS-MVAD040-12 Datasheet
258Kb / 5P
   40W 2" x 4" AC-DC Power Supply Converter
MVAB120-28 MURATA-PS-MVAB120-28 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAD040-05 MURATA-PS-MVAD040-05 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com