Electronic Components Datasheet Search |
|
SDS03-24S3P3W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD |
|
SDS03-24S3P3W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD |
2 / 3 page SDS03W SDH03W 2 www.PDUKE.com 2014/08/19 INPUT SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating input voltage range 12Vin(nom) 24Vin(nom) 48Vin(nom) 4.5 9 18 12 24 48 18 36 75 VDC Start up time Constant resistive load Power up Remote ON/OFF 5 5 10 10 ms Input surge voltage 1 second, max. 12Vin(nom) 24Vin(nom) 48Vin(nom) 25 50 100 VDC Input reflected ripple current(1) 12Vin(nom) 24Vin(nom) 48Vin(nom) 20 20 20 mAp-p Input filter Capacitor type DC-DC ON Open or high impedance Ctrl pin applied current via 1k DC-DC OFF 2.0 3.0 4.0 mA Remote ON/OFF Remote off input current 2.5 mA Application circuit DC-DC ON DC-DC OFF OUTPUT SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Voltage accuracy -1.0 +1.0 % Line regulation Low Line to High Line at Full Load -0.2 +0.2 % No Load to Full Load Single Dual -1.0 -1.0 +1.0 +1.0 Load regulation 10% Load to 90% Load Single Dual -0.5 -0.8 +0.5 +0.8 % Cross regulation Asymmetrical load 25%/100% FL Dual -5.0 +5.0 % Ripple and noise Measured by 20MHz bandwidth 50 mVp-p Temperature coefficient -0.02 +0.02 %/ ℃ Transient response recovery time 25% load step change 500 µs Short circuit protection Continuous, automatics recovery GENERAL SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Isolation voltage 1 minute Standard Suffix ”H” 1600 3000 VDC Isolation resistance 500VDC 1 G Isolation capacitance Standard Suffix ”H” 50 50 pF Switching frequency 100 kHz Design meets UL60950-1 EN60950-1 IEC60950-1 Case material Non-conductive black plastic Base material Non-conductive black plastic Potting material Silicone (UL94 V-0) Weight 2.7g (0.10oz) MTBF MIL-HDBK-217F, Full load 5.627 x 10 6 hrs ENVIRONMENTAL SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating ambient temperature Without derating With derating -40 71 71 +105 ℃ Storage temperature range -55 +125 ℃ Thermal shock MIL-STD-810F Vibration MIL-STD-810F Relative humidity 5% to 95% RH |
Similar Part No. - SDS03-24S3P3W |
|
Similar Description - SDS03-24S3P3W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |