Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74ALVCH162835 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74ALVCH162835
Description  18-bit Universal Bus Drivers with 3-state Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCH162835 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74ALVCH162835 Datasheet HTML 1Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HD74ALVCH162835
18-bit Universal Bus Drivers with 3-state Outputs
ADE-205-189B (Z)
3rd. Edition
December 1999
Description
Data flow from A to Y is controlled by the output enable (
OE). The device operates in the transparent
mode when LE is high. The A data is latched if CLK is held at a high or low logic level. If LE is low, the
A bus data is stored in the latch flip flop on the low to high transition of CLK. When
OE is high, the
outputs are in the high impedance state. Active bus hold circuitry is provided to hold unused or floating
data inputs at a valid logic level. All outputs, which are designed to sink up to 12 mA, include 26
resistors to reduce overshoot and undershoot.
Features
• V
CC = 2.3 V to 3.6 V
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±12 mA (@V
CC = 3.0 V)
• Bus hold on data inputs eliminates the need for external pullup / pulldown resistors
• All outputs have equivalent 26 Ω series resistors, so no external resistors are required.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn