Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74ALVCH162835 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part No. HD74ALVCH162835
Description  18-bit Universal Bus Drivers with 3-state Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCH162835 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74ALVCH162835 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 10Page - Hitachi Semiconductor HD74ALVCH162835 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HD74ALVCH162835
7
Switching Characteristics (Ta = –40 to 85
°C)
Item
Symbol V
CC (V)
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
Maximum clock frequency f
max
2.5
±0.2 150
MHz
2.7
150
3.3
±0.3 150
Propagation delay time
t
PLH
2.5
±0.2 1.3
5.2
ns
A
Y
t
PHL
2.7
5.0
3.3
±0.3 1.0
4.2
2.5
±0.2 1.8
6.1
LE
Y
2.7
5.8
3.3
±0.3 1.3
5.1
2.5
±0.2 1.9
6.3
CLK
Y
2.7
6.1
3.3
±0.3 1.4
5.4
Output enable time
t
ZH
2.5
±0.2 1.5
6.3
ns
OE
Y
t
ZL
2.7
6.5
3.3
±0.3 1.1
5.5
Output disable time
t
HZ
2.5
±0.2 2.1
4.7
ns
OE
Y
t
LZ
2.7
4.9
3.3
±0.3 1.3
4.5
Input capacitance
C
IN
3.3
3.5
pF
Control inputs
3.3
6.0
Data inputs
Output capacitance
C
I/O
3.3
7.0
pF


Similar Part No. - HD74ALVCH162835

ManufacturerPart No.DatasheetDescription
Hitachi Semiconductor
Hitachi Semiconductor
HD74ALVCH162830 HITACHI-HD74ALVCH162830 Datasheet
55Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
Renesas Technology Corp
Renesas Technology Corp
HD74ALVCH162830 RENESAS-HD74ALVCH162830 Datasheet
2Mb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
Hitachi Semiconductor
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
Renesas Technology Corp
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
Hitachi Semiconductor
Hitachi Semiconductor
HD74ALVCH162836 HITACHI-HD74ALVCH162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
More results

Similar Description - HD74ALVCH162835

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN54LVTH16835 TI-SN54LVTH16835 Datasheet
121Kb / 8P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Renesas Technology Corp
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz