Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74ALVCH162543 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74ALVCH162543
Description  16-bit Registered Transceivers with 3-state Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCH162543 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74ALVCH162543 Datasheet HTML 1Page - Hitachi Semiconductor HD74ALVCH162543 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVCH162543 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCH162543 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH162543 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH162543 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH162543 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH162543 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH162543 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HD74ALVCH162543
16-bit Registered Transceivers with 3-state Outputs
ADE-205-183 (Z)
Preliminary
1st. Edition
December 1996
Description
The HD74ALVCH162543 can be used as two 8-bit transceivers or one 16-bit transceiver. Separate
latch enable (
LEAB or LEBA) and output enable (OEAB or OEBA) inputs are provided for each
register to permit independent control in either direction of data flow. The A to B enable (
CEAB)
input must be low in order to enter data from A or to output data from B. If
CEAB is low and LEAB is
low, the A to B latches are transparent; a subsequent low to high transition of
LEAB puts the A latches
in the storage mode. With
CEAB and OEAB both low, the 3-state B outputs are active and reflect the
data present at the output of the A latches. Data flow from B to A is similar but requires using
CEBA,
LEBA, and OEBA. Active bus hold circuitry is provided to hold unused or floating data inputs at a
valid logic level. All outputs, which are designed to sink up to 12 mA, include 26
Ω resistors to reduce
overshoot and undershoot.
Features
• V
CC = 2.3 V to 3.6 V
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±12 mA (@V
CC = 3.0 V)
• Bus hold on data inputs eliminates the need for external pullup / pulldown resistors
• All outputs have equivalent 26 Ω series resistors, so no external resistors are required.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn