Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL06-48D15 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # PDL06-48D15
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL06-48D15 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  PDL06-48D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL06-48D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL06-48D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL06-48D15 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PDL06
4
www.PDUKE.com
2014/06/25
CHARACTERISTIC CURVE
PDL06-48S05 Derating Curve
PDL06-48S05M Derating Curve
PDL06-48S05 Efficiency vs. Input Voltage
PDL06-48S05 Efficiency vs. Output Load
MECHANICAL DRAWING
Standard type, Suffix “H”
PIN CONNECTION
PIN
SINGLE
DUAL
1
-Vin
-Vin
2
+Vin
+Vin
3
Ctrl
Ctrl
5
NC*/No pin**
NC*/No pin**
6
+Vout
+Vout
7
-Vout
Common
8
NC
-Vout
*NC pin for standard type model.
**No pin for 3kVDC isolation model (suffix “H”).
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)
Suffix “M”
PIN CONNECTION
PIN
SINGLE
DUAL
1
-Vin
-Vin
2
+Vin
+Vin
3
Ctrl
Ctrl
5
NC
NC
6
+Vout
+Vout
7
-Vout
Common
8
NC
-Vout
9
Case
Case
10
Stand off
Stand off
11
Stand off
Stand off
12
Case
Case
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)


Similar Part No. - PDL06-48D15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PDL06-48D15 RSG-PDL06-48D15 Datasheet
440Kb / 4P
   SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
logo
Power Mate Technology C...
PDL06-48D15 P-DUKE-PDL06-48D15 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
logo
RSG Electronic Componen...
PDL06-48D15W RSG-PDL06-48D15W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
logo
Power Mate Technology C...
PDL06-48D15W P-DUKE-PDL06-48D15W Datasheet
461Kb / 4P
   DC-DC CONVERTER
PDL06-48D15W P-DUKE-PDL06-48D15W Datasheet
988Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 6 Watts
More results

Similar Description - PDL06-48D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com