Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL06-48D12 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # PDL06-48D12
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL06-48D12 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  PDL06-48D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL06-48D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL06-48D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL06-48D12 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PDL06
2
www.PDUKE.com
2014/06/25
PART NUMBER STRUCTURE
PDL06 - 48
S
05
H
Series Name
Input
Output
Output
Case & Isolation
Voltage
Quantity
Voltage
Option
(VDC)
(VDC)
05: 4.5~9
S:Single
3P3: 3.3
: Standard type
12:9~18
05: 5
Plastic case
24:18~36
09: 9
1600VDC isolation
48:36~75
12:12
H: Plastic case
15:15
3000VDC isolation
M: Metal case
D: Dual
05:
± 5
1600VDC isolation
12:
±12
15:
±15
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
5
12
24
48
9
18
36
75
VDC
Start up voltage
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
VDC
Shutdown voltage
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
3.5
7
15
33
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
5
5
10
10
ms
Input surge voltage
1 second, max.
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
15
36
50
100
VDC
Input reflected ripple current
30
mAp-p
Input filter
Capacitor type
DC-DC ON
Open or high impedance
Remote ON/OFF
Ctrl pin applied current via 1k
DC-DC OFF
2
3
4
mA
Remote off input current
2.5
mA
Application circuit
DC-DC ON
DC-DC OFF
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Single
-1.0
+1.0
Load regulation
No Load to Full Load
Dual
-1.0
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Ripple and noise
20MHz bandwidth
50
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
500
µ
s
Short circuit protection
Continuous, automatics recovery


Similar Part No. - PDL06-48D12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PDL06-48D12 RSG-PDL06-48D12 Datasheet
440Kb / 4P
   SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
logo
Power Mate Technology C...
PDL06-48D12 P-DUKE-PDL06-48D12 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
logo
RSG Electronic Componen...
PDL06-48D12W RSG-PDL06-48D12W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
logo
Power Mate Technology C...
PDL06-48D12W P-DUKE-PDL06-48D12W Datasheet
461Kb / 4P
   DC-DC CONVERTER
PDL06-48D12W P-DUKE-PDL06-48D12W Datasheet
988Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 6 Watts
More results

Similar Description - PDL06-48D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com