Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVCH162374 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD74ALVCH162374
Description  16-bit Edge triggered D-type Flip Flops with 3-state Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCH162374 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD74ALVCH162374 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH162374 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH162374 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH162374 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH162374 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH162374 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVCH162374 Datasheet HTML 10Page - Hitachi Semiconductor HD74ALVCH162374 Datasheet HTML 11Page - Hitachi Semiconductor HD74ALVCH162374 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HD74ALVCH162374
10
V
– 0.3 V
OH
V
+ 0.3 V
OL
tZL
tLZ
tZH
tHZ
VOH
VOL
Waveform - A
Output
Control
Waveform - B
GND
VIH
≈VOL1
≈VOH1
Vref
Vref
Vref
Vref
TEST
VIH
Vref
VOH1
VOL1
1.2 V
1.5 V
2.3 V
3.0 V
GND
2.3 V
2.7 V
GND
Vcc=2.7V,
3.3
±0.3V
Vcc=2.5
±0.2V
Notes: 1. All input pulses are supplied by generators having the following characteristics:
PRR
≤ 10 MHz, Zo = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
2. Waveform – A is for an output with internal conditions such that the output is low
except when disabled by the output control.
3. Waveform – B is for an output with internal conditions such that the output is high
except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.
• Waveforms – 3
tr
tf
10 %
10 %
90 %
90 %


Similar Part No. - HD74ALVCH162374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
More results

Similar Description - HD74ALVCH162374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT16374 TI-SN54ACT16374 Datasheet
178Kb / 10P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374_08 Datasheet
350Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC16374 TI-SN54AHC16374_07 Datasheet
370Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com