Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSPL6005 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSPL6005
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSPL6005 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSPL6005 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSPL6005
©Silikron Semiconductor CO.,LTD.
2011.11.20
Version : 1.1
page 2 of 8
www.silikron.com
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case
0.65
℃/W
RθJA
Junction-to-ambient (t ≤ 10s)
62
℃/W
Junction-to-Ambient (PCB mounted, steady-state)
40
℃/W
Electrical Characterizes @T
A=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
60
V
VGS = 0V, ID= 250μA
RDS(on)
Static Drain-to-Source on-resistance
4.9
5.5
VGS=10V,ID =75A
8.8
TJ = 125℃
VGS(th)
Gate threshold voltage
2
4
V
VDS = VGS, ID = 150μA
2.11
TJ = 125℃
IDSS
Drain-to-Source leakage current
1
μA
VDS =60V,VGS = 0V
50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
100
nA
VGS =20V
-100
VGS = -20V
Qg
Total gate charge
99.5
nC
ID = 75A,
VDS=30V,
VGS = 10V
Qgs
Gate-to-Source charge
27.6
Qgd
Gate-to-Drain("Miller") charge
36.4
td(on)
Turn-on delay time
20.0
nS
VGS=10V, VDD =30V,
RL=0.4Ω,
RGEN=2.7Ω
ID =75A
tr
Rise time
87.6
td(off)
Turn-Off delay time
44.5
tf
Fall time
20.1
Ciss
Input capacitance
7916
pF
VGS = 0V
VDS = 50V
ƒ = 1MHz
Coss
Output capacitance
733
Crss
Reverse transfer capacitance
60
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
160
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
640
A
V
SD
Diode Forward Voltage
0.87
1.3
V
IS=75A, VGS=0V, TJ = 25°C
trr
Reverse Recovery Time
45.7
nS
TJ = 25°C, IF =75A, di/dt =
100
A/μs
Qrr
Reverse Recovery Charge
82.5
nC


Similar Part No. - SSPL6005

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSPL6022 SILIKRON-SSPL6022 Datasheet
649Kb / 8P
   Advanced Process Technology
logo
GOOD-ARK Electronics
SSPL6022 GOOD-ARK-SSPL6022 Datasheet
1Mb / 7P
   60V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSPL6040 SILIKRON-SSPL6040 Datasheet
523Kb / 8P
   Advanced Process Technology
logo
GOOD-ARK Electronics
SSPL6040 GOOD-ARK-SSPL6040 Datasheet
1,021Kb / 7P
   60V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSPL6040D SILIKRON-SSPL6040D Datasheet
474Kb / 8P
   Advanced Process Technology
More results

Similar Description - SSPL6005

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com