Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSPL6005 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSPL6005
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSPL6005 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSPL6005 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSPL6005 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSPL6005
©Silikron Semiconductor CO.,LTD.
2011.11.20
Version : 1.1
page 1 of 8
www.silikron.com
Main Product Characteristics:
Features and Benefits:
Description:
Absolute max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
160
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
110
IDM
Pulsed Drain Current
640
PD @TC = 25°C
Power Dissipation
230
W
Linear Derating Factor
1.5
W/°C
VDS
Drain-Source Voltage
60
V
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy @ L=0.3mH
960
mJ
IAS
Avalanche Current @ L=0.3mH
80
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +175
°C
VDSS
60V
RDS(on)
4.9mohm(typ.)
ID
160A
TO220
Marking and pin
Assignment
Schematic diagram
Advanced Process Technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
175℃ operating temperature
These N-Channel enhancement mode power field effect transistors are produced using silikron
proprietary MOSFET technology. This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching performance, and withstand high energy
pulse in the avalanche and commutation mode. These devices are well suited for high efficiency
switch mode power supplies.


Similar Part No. - SSPL6005

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSPL6022 SILIKRON-SSPL6022 Datasheet
649Kb / 8P
   Advanced Process Technology
logo
GOOD-ARK Electronics
SSPL6022 GOOD-ARK-SSPL6022 Datasheet
1Mb / 7P
   60V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSPL6040 SILIKRON-SSPL6040 Datasheet
523Kb / 8P
   Advanced Process Technology
logo
GOOD-ARK Electronics
SSPL6040 GOOD-ARK-SSPL6040 Datasheet
1,021Kb / 7P
   60V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSPL6040D SILIKRON-SSPL6040D Datasheet
474Kb / 8P
   Advanced Process Technology
More results

Similar Description - SSPL6005

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com