Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSPL2015D Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # SSPL2015D
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSPL2015D Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSPL2015D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SSPL2015D
©Silikron Semiconductor CO.,LTD.
2013.11.16
Version : 1.1
page 6 of 8
www.silikron.com
Mechanical Data
Min
Nom
Max
Min
Nom
Max
A
2.200
-
2.400
0.087
-
0.094
B
0.950
-
1.250
0.037
-
0.049
b
0.500
-
0.700
0.020
-
0.028
b1
0.450
-
0.550
0.018
-
0.022
C
0.450
-
0.550
0.018
-
0.022
D
6.450
-
6.750
0.254
-
0.266
D1
5.200
-
5.400
0.205
-
0.213
E
5.950
-
6.250
0.234
-
0.246
e1
2.240
-
2.340
0.088
-
0.092
e2
4.430
-
4.730
0.174
-
0.186
L1
9.450
-
9.950
0.372
-
0.392
L2
1.250
-
1.750
0.049
-
0.069
L3
0.600
-
0.900
0.024
-
0.035
K
0.000
-
0.100
0.000
-
0.004
Symbol
Dimension In Millimeters
Dimension In Inches
TO-252 PACKAGE OUTLINE DIMENSION


Similar Part No. - SSPL2015D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSPL2015 SILIKRON-SSPL2015 Datasheet
577Kb / 8P
   Advanced Process Technology
logo
GOOD-ARK Electronics
SSPL2015 GOOD-ARK-SSPL2015 Datasheet
1,015Kb / 7P
   200V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSPL2015F SILIKRON-SSPL2015F Datasheet
537Kb / 8P
   Advanced Process Technology
More results

Similar Description - SSPL2015D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com