Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL03-12S05 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # PDL03-12S05
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL03-12S05 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  PDL03-12S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL03-12S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL03-12S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL03-12S05 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/04/30
PDL03 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 3 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
UP TO 3000VDC INPUT TO OUTPUT ISOLATION
SMALL SIZE AND LOW PROFILE
:0.86 X 0.36 X 0.44 INCH
LOW OUTPUT RIPPLE AND NOISE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
OCP
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
PDL03-05S3P3
4.5 ~ 9
3.3
700
45
75
3300
PDL03-05S05
4.5 ~ 9
5
600
45
79
1680
PDL03-05S09
4.5 ~ 9
9
333
55
80
1000
PDL03-05S12
4.5 ~ 9
12
250
55
81
820
PDL03-05S15
4.5 ~ 9
15
200
55
82
680
PDL03-05D05
4.5 ~ 9
±5
±300
55
78
±1000
PDL03-05D12
4.5 ~ 9
±12
±125
60
81
±470
PDL03-05D15
4.5 ~ 9
±15
±100
60
81
±330
PDL03-12S3P3
9 ~ 18
3.3
700
25
77
3300
PDL03-12S05
9 ~ 18
5
600
25
81
1680
PDL03-12S09
9 ~ 18
9
333
30
80
1000
PDL03-12S12
9 ~ 18
12
250
30
83
820
PDL03-12S15
9 ~ 18
15
200
30
83
680
PDL03-12D05
9 ~ 18
±5
±300
30
82
±1000
PDL03-12D12
9 ~ 18
±12
±125
30
83
±470
PDL03-12D15
9 ~ 18
±15
±100
30
83
±330
PDL03-24S3P3
18 ~ 36
3.3
700
16
76
3300
PDL03-24S05
18 ~ 36
5
600
16
82
1680
PDL03-24S09
18 ~ 36
9
333
17
82
1000
PDL03-24S12
18 ~ 36
12
250
18
83
820
PDL03-24S15
18 ~ 36
15
200
18
84
680
PDL03-24D05
18 ~ 36
±5
±300
17
80
±1000
PDL03-24D12
18 ~ 36
±12
±125
18
83
±470
PDL03-24D15
18 ~ 36
±15
±100
18
85
±330
PDL03-48S3P3
36 ~ 75
3.3
700
10
74
3300
PDL03-48S05
36 ~ 75
5
600
10
79
1680
PDL03-48S09
36 ~ 75
9
333
11
80
1000
PDL03-48S12
36 ~ 75
12
250
12
81
820
PDL03-48S15
36 ~ 75
15
200
12
82
680
PDL03-48D05
36 ~ 75
±5
±300
12
79
±1000
PDL03-48D12
36 ~ 75
±12
±125
12
82
±470
PDL03-48D15
36 ~ 75
±15
±100
12
83
±330


Similar Part No. - PDL03-12S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03-12S05 P-DUKE-PDL03-12S05 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-12S05 RSG-PDL03-12S05 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PDL03-12S05 P-DUKE-PDL03-12S05 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03-12S05W P-DUKE-PDL03-12S05W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-12S05W RSG-PDL03-12S05W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PDL03-12S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com