Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSH03-24S09W Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # PDSH03-24S09W
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDSH03-24S09W Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  PDSH03-24S09W Datasheet HTML 1Page - Power Mate Technology Co., LTD PDSH03-24S09W Datasheet HTML 2Page - Power Mate Technology Co., LTD PDSH03-24S09W Datasheet HTML 3Page - Power Mate Technology Co., LTD PDSH03-24S09W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PDS03W
PDH03W
4
www.PDUKE.com
2014/04/30
MECHANICAL DRAWING
PDS03
PIN CONNECTION
PIN
SINGLE
DUAL
1
-Vin
-Vin
2
Ctrl
Ctrl
6
NC
Common
7
NC
-Vout
8
+Vout
+Vout
9
-Vout
Common
14
+Vin
+Vin
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)
PDH03


Similar Part No. - PDSH03-24S09W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDSH02-12D05W P-DUKE-PDSH02-12D05W Datasheet
604Kb / 4P
   DC-DC CONVERTER
PDSH02-12D12W P-DUKE-PDSH02-12D12W Datasheet
604Kb / 4P
   DC-DC CONVERTER
PDSH02-12D15W P-DUKE-PDSH02-12D15W Datasheet
604Kb / 4P
   DC-DC CONVERTER
PDSH02-12S05W P-DUKE-PDSH02-12S05W Datasheet
604Kb / 4P
   DC-DC CONVERTER
PDSH02-12S09W P-DUKE-PDSH02-12S09W Datasheet
604Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - PDSH03-24S09W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com