Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL02-05D15 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # PDL02-05D15
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL02-05D15 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  PDL02-05D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL02-05D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL02-05D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL02-05D15 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/04/30
PDL02 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 2 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
UP TO 3000VDC INPUT TO OUTPUT ISOLATION
SMALL SIZE AND LOW PROFILE
:0.86 X 0.36 X 0.44 INCH
LOW OUTPUT RIPPLE AND NOISE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
OCP
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherw
ise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
PDL02-05S33
4.5 ~ 9
3.3
500
35
76
2200
PDL02-05S05
4.5 ~ 9
5
400
35
80
1000
PDL02-05S09
4.5 ~ 9
9
222
40
82
470
PDL02-05S12
4.5 ~ 9
12
167
40
81
170
PDL02-05S15
4.5 ~ 9
15
134
40
83
110
PDL02-05D05
4.5 ~ 9
±5
±200
40
79
±470
PDL02-05D12
4.5 ~ 9
±12
±83
40
82
±100
PDL02-05D15
4.5 ~ 9
±15
±67
40
81
±47
PDL02-12S33
9 ~ 18
3.3
500
20
77
2200
PDL02-12S05
9 ~ 18
5
400
20
81
1000
PDL02-12S09
9 ~ 18
9
222
20
82
470
PDL02-12S12
9 ~ 18
12
167
20
83
170
PDL02-12S15
9 ~ 18
15
134
20
84
110
PDL02-12D05
9 ~ 18
±5
±200
30
81
±470
PDL02-12D12
9 ~ 18
±12
±83
30
83
±100
PDL02-12D15
9 ~ 18
±15
±67
30
84
±47
PDL02-24S33
18 ~ 36
3.3
500
15
78
2200
PDL02-24S05
18 ~ 36
5
400
15
81
1000
PDL02-24S09
18 ~ 36
9
222
15
82
470
PDL02-24S12
18 ~ 36
12
167
15
83
170
PDL02-24S15
18 ~ 36
15
134
15
84
110
PDL02-24D05
18 ~ 36
±5
±200
15
80
±470
PDL02-24D12
18 ~ 36
±12
±83
15
83
±100
PDL02-24D15
18 ~ 36
±15
±67
15
82
±47
PDL02-48S33
36 ~ 75
3.3
500
8
76
2200
PDL02-48S05
36 ~ 75
5
400
8
78
1000
PDL02-48S09
36 ~ 75
9
222
8
84
470
PDL02-48S12
36 ~ 75
12
167
8
83
170
PDL02-48S15
36 ~ 75
15
134
8
83
110
PDL02-48D05
36 ~ 75
±5
±200
8
80
±470
PDL02-48D12
36 ~ 75
±12
±83
8
81
±100
PDL02-48D15
36 ~ 75
±15
±67
8
81
±47


Similar Part No. - PDL02-05D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02-05D15 P-DUKE-PDL02-05D15 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL02-05D15 P-DUKE-PDL02-05D15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
More results

Similar Description - PDL02-05D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com