Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSH02-24S3P3W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # PDSH02-24S3P3W
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDSH02-24S3P3W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  PDSH02-24S3P3W Datasheet HTML 1Page - Power Mate Technology Co., LTD PDSH02-24S3P3W Datasheet HTML 2Page - Power Mate Technology Co., LTD PDSH02-24S3P3W Datasheet HTML 3Page - Power Mate Technology Co., LTD PDSH02-24S3P3W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/04/30
PDS02W
PDH02W
SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 2 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
UP TO 3000VDC INPUT TO OUTPUT ISOLATION
SMALL SIZE AND LOW PROFILE
:0.74 X 0.50 X 0.33 INCH
LOW OUTPUT RIPPLE AND NOISE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
PDS(H)02-12S3P3W
4.5 ~ 18
3.3
500
30
74
3300
PDS(H)02-12S05W
4.5 ~ 18
5
400
30
79
1680
PDS(H)02-12S09W
4.5 ~ 18
9
222
35
79
1000
PDS(H)02-12S12W
4.5 ~ 18
12
167
30
80
820
PDS(H)02-12S15W
4.5 ~ 18
15
134
35
81
680
PDS(H)02-12D05W
4.5 ~ 18
±5
±200
35
76
±1000
PDS(H)02-12D12W
4.5 ~ 18
±12
±83
35
81
±470
PDS(H)02-12D15W
4.5 ~ 18
±15
±67
35
81
±330
PDS(H)02-24S3P3W
9 ~ 36
3.3
500
20
74
3300
PDS(H)02-24S05W
9 ~ 36
5
400
20
79
1680
PDS(H)02-24S09W
9 ~ 36
9
222
20
79
1000
PDS(H)02-24S12W
9 ~ 36
12
167
20
80
820
PDS(H)02-24S15W
9 ~ 36
15
134
20
82
680
PDS(H)02-24D05W
9 ~ 36
±5
±200
20
76
±1000
PDS(H)02-24D12W
9 ~ 36
±12
±83
20
81
±470
PDS(H)02-24D15W
9 ~ 36
±15
±67
20
81
±330
PDS(H)02-48S3P3W
18 ~ 75
3.3
500
10
74
3300
PDS(H)02-48S05W
18 ~ 75
5
400
10
78
1680
PDS(H)02-48S09W
18 ~ 75
9
222
10
79
1000
PDS(H)02-48S12W
18 ~ 75
12
167
10
81
820
PDS(H)02-48S15W
18 ~ 75
15
134
10
82
680
PDS(H)02-48D05W
18 ~ 75
±5
±200
10
76
±1000
PDS(H)02-48D12W
18 ~ 75
±12
±83
10
81
±470
PDS(H)02-48D15W
18 ~ 75
±15
±67
10
81
±330


Similar Part No. - PDSH02-24S3P3W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDSH03-12D05W P-DUKE-PDSH03-12D05W Datasheet
603Kb / 4P
   DC-DC CONVERTER
PDSH03-12D12W P-DUKE-PDSH03-12D12W Datasheet
603Kb / 4P
   DC-DC CONVERTER
PDSH03-12D15W P-DUKE-PDSH03-12D15W Datasheet
603Kb / 4P
   DC-DC CONVERTER
PDSH03-12S05W P-DUKE-PDSH03-12S05W Datasheet
603Kb / 4P
   DC-DC CONVERTER
PDSH03-12S09W P-DUKE-PDSH03-12S09W Datasheet
603Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - PDSH02-24S3P3W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com