Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE33284A-T1A Datasheet(PDF) 7 Page - NEC

Part # NE33284A-T1A
Description  L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE33284A-T1A Datasheet(HTML) 7 Page - NEC

Back Button NE33284A-T1A Datasheet HTML 2Page - NEC NE33284A-T1A Datasheet HTML 3Page - NEC NE33284A-T1A Datasheet HTML 4Page - NEC NE33284A-T1A Datasheet HTML 5Page - NEC NE33284A-T1A Datasheet HTML 6Page - NEC NE33284A-T1A Datasheet HTML 7Page - NEC NE33284A-T1A Datasheet HTML 8Page - NEC NE33284A-T1A Datasheet HTML 9Page - NEC NE33284A-T1A Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NE33284A
7
Noise Parameters
<TYPICAL CONSTANT NOISE FIGURE CIRCLE>
<
ΓΓΓΓΓopt. vs. frequency>
1.0
0.5
0
–0.5
–1.0
–2.0
2.0
VDS = 2 V
ID = 10 mA
1.0
f = 4 HGz
Γopt.
1 dB
2 dB
1.5 dB
1.0
0.5
0
–0.5
–1.0
–2.0
2.0
1.0
START 2 GHz, STOP 18 GHz, STEP 2 GHz
VDS = 2 V
ID = 10 mA
4
8
10
12
14
16
6
18
2
<Noise Parameters>
VDS = 2 V, ID = 10 mA
Freq (GHz)
NFmin (dB)
Ga(dB)
Γopt.
Rn/50
Mag.
Ang. (deg.)
2.0
0.32
16.0
0.76
18
0.23
4.0
0.35
15.0
0.69
49
0.19
6.0
0.41
13.7
0.63
79
0.14
8.0
0.50
12.6
0.58
110
0.08
10.0
0.62
11.5
0.53
140
0.05
12.0
0.75
10.5
0.49
171
0.03
14.0
0.88
9.6
0.46
–158
0.07
16.0
1.02
8.8
0.43
–127
0.09
18.0
1.15
8.0
0.41
–97
0.16


Similar Part No. - NE33284A-T1A

ManufacturerPart #DatasheetDescription
logo
NEC
NE33284A-T1 NEC-NE33284A-T1 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE33284A-T1 CEL-NE33284A-T1 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
More results

Similar Description - NE33284A-T1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com