Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD20 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # LCD20
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD20 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  LCD20_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD20_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD20_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD LCD20_14 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LCD20
2
www.PDUKE.com
2014/04/30
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
12Vin(nom)
24Vin(nom)
48Vin(nom)
9
18
36
12
24
48
18
36
75
VDC
Input reflected ripple current
Nominal input and Full load
30
mAp-p
Start-up voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
9
18
36
VDC
Shutdown voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
8
16
33
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
30
30
ms
Input surge voltage
1 second, max.
12Vin(nom)
24Vin(nom)
48Vin(nom)
25
50
100
VDC
Input filter
Pi type
Positive logic
(Option)
DC-DC ON
DC-DC OFF
Open or 3 ~ 15VDC
Short or 0 ~ 1.2VDC
Referred to –Vin pin
Negative logic
(Standard)
DC-DC ON
DC-DC OFF
Short or 0 ~ 1.2VDC
Open or 3 ~ 15VDC
Remote ON/OFF
Input current of Ctrl pin
-0.5
1.0
mA
Remote off input current
2.0
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
Single
Dual
-0.2
-0.5
+0.2
+0.5
%
No Load to Full Load
Single
Dual
-0.2
-1.0
+0.2
+1.0
Load regulation
10% Load to 90%Load
Single
Dual
-0.1
-0.8
+0.1
+0.8
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Voltage adjustability (2)
Single output
-10
+10
%
Ripple and noise
Measured by 20MHz bandwidth
With a 1µF M/C X7R and a 10µF T/C
3.3Vout, 5Vout
12Vout, 15Vout
75
100
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
250
µ
s
Over voltage protection
3.3Vout
5Vout
12Vout
15Vout
3.7
5.6
13.5
16.8
5.4
7.0
19.6
20.5
VDC
Over load protection
% of Iout rated; Hiccup mode
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input(Output) to Case
1600
1000
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
1500
pF
Switching frequency
3.3Vout, 5Vout
Others
248
297
275
330
303
363
kHz
Safety approvals
UL60950-1
EN60950-1
IEC60950-1
Case material
Nickel-coated copper
Base material
FR4 PCB
Potting material
Silicone (UL94 V-0)
Weight
15g (0.53oz)
MTBF
MIL-HDBK-217F, Full load
1.477 x 10
6 hrs


Similar Part No. - LCD20_14

ManufacturerPart #DatasheetDescription
logo
Make-Ps
LCD20-12D12 MAKE-PS-LCD20-12D12 Datasheet
1Mb / 3P
   Single & Dual Output DC/DC Converter
LCD20-12D15 MAKE-PS-LCD20-12D15 Datasheet
1Mb / 3P
   Single & Dual Output DC/DC Converter
LCD20-12S05 MAKE-PS-LCD20-12S05 Datasheet
1Mb / 3P
   Single & Dual Output DC/DC Converter
LCD20-12S12 MAKE-PS-LCD20-12S12 Datasheet
1Mb / 3P
   Single & Dual Output DC/DC Converter
LCD20-12S15 MAKE-PS-LCD20-12S15 Datasheet
1Mb / 3P
   Single & Dual Output DC/DC Converter
More results

Similar Description - LCD20_14

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com