Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC15-48S05 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FKC15-48S05
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC15-48S05 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FKC15-48S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC15-48S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC15-48S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2014/04/30
FKC15 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 15 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
STANDARD 1.25 X 0.80 X 0.40 INCH AND 24 PIN DIP PACKAGE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
FKC15-12S3P3
9 ~ 18
3.3
4000
10
87
4700
FKC15-12S05
9 ~ 18
5.1
3000
10
90
3300
FKC15-12S12
9 ~ 18
12
1250
5
90
600
FKC15-12S15
9 ~ 18
15
1000
10
90
400
FKC15-12D05
9 ~ 18
±5
±1500
10
86
±1500
FKC15-12D12
9 ~ 18
±12
±625
6
90
±288
FKC15-12D15
9 ~ 18
±15
±500
10
90
±200
FKC15-24S3P3
18 ~ 36
3.3
4000
6
88
4700
FKC15-24S05
18 ~ 36
5.1
3000
6
90
3300
FKC15-24S12
18 ~ 36
12
1250
4
91
600
FKC15-24S15
18 ~ 36
15
1000
6
91
400
FKC15-24D05
18 ~ 36
±5
±1500
4
87
±1500
FKC15-24D12
18 ~ 36
±12
±625
6
90
±288
FKC15-24D15
18 ~ 36
±15
±500
6
90
±200
FKC15-48S3P3
36 ~ 75
3.3
4000
4
88
4700
FKC15-48S05
36 ~ 75
5.1
3000
4
90
3300
FKC15-48S12
36 ~ 75
12
1250
4
90
600
FKC15-48S15
36 ~ 75
15
1000
4
91
400
FKC15-48D05
36 ~ 75
±5
±1500
4
87
±1500
FKC15-48D12
36 ~ 75
±12
±625
4
90
±288
FKC15-48D15
36 ~ 75
±15
±500
4
90
±200
PART NUMBER STRUCTURE
FKC15 - 48
S
05
Series Name
Input
Output
Output
Voltage
Quantity
Voltage
(VDC)
(VDC)
12: 9~18
S:Single
3P3: 3.3
24:18~36
05: 5.1
48:36~75
12:12
15:15
D: Dual
05:
± 5
12:
±12
15:
±15


Similar Part No. - FKC15-48S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC15-48S05W P-DUKE-FKC15-48S05W Datasheet
315Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - FKC15-48S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com