Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSMD60200CT Datasheet(PDF) 5 Page - Silikron Semiconductor Co.,LTD.

Part # SSMD60200CT
Description  High Junction Temperature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSMD60200CT Datasheet(HTML) 5 Page - Silikron Semiconductor Co.,LTD.

  SSMD60200CT Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSMD60200CT Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSMD60200CT Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSMD60200CT Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSMD60200CT Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSMD60200CT Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SSMD60200CT/SSMD60200CTF
©Silikron Semiconductor CO., LTD.
2012.3.13
Version: 1.0
page
5of6
www.silikron.com
Ordering and Marking Information
Device Marking: SSMD60200CT&SSMD60200CTF
Package (Available)
TO-220&TO220F
Operating Temperature Range
C : -55 to 175 ºC
Devices per Unit
Package
Type
Units/
Tube
Tubes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/
Carton
Box
TO220
50
20
1000
6
6000
TO220F
50
20
1000
6
6000
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 175℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices


Similar Part No. - SSMD60200CT

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSMD60200PT SILIKRON-SSMD60200PT Datasheet
290Kb / 5P
   High Junction Temperature
More results

Similar Description - SSMD60200CT

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSBD10L100CT SILIKRON-SSBD10L100CT Datasheet
462Kb / 6P
   High Junction Temperature
SSBD5L150A SILIKRON-SSBD5L150A Datasheet
297Kb / 5P
   High Junction Temperature
SSTS2065 SILIKRON-SSTS2065 Datasheet
320Kb / 6P
   High Junction Temperature
SSBD1045G SILIKRON-SSBD1045G Datasheet
318Kb / 5P
   High Junction Temperature
SSMD4045PT SILIKRON-SSMD4045PT Datasheet
286Kb / 5P
   High Junction Temperature
SSTS3060CT SILIKRON-SSTS3060CT Datasheet
343Kb / 6P
   High Junction Temperature
SSTS40100PT SILIKRON-SSTS40100PT Datasheet
283Kb / 5P
   High Junction Temperature
SSBR10100CT SILIKRON-SSBR10100CT Datasheet
195Kb / 2P
   High Junction Temperature
SSBR20100CT SILIKRON-SSBR20100CT Datasheet
197Kb / 3P
   High Junction Temperature
SSTS30120CT SILIKRON-SSTS30120CT Datasheet
328Kb / 6P
   High Junction Temperature
SSMD3030CT SILIKRON-SSMD3030CT Datasheet
462Kb / 6P
   High Junction Temperature
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com