Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74ALVC162834 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74ALVC162834
Description  18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74ALVC162834 Datasheet(HTML) 1 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HD74ALVC162834
18-bit Universal Bus Driver with 3-state Outputs
and Inverted Latch Enable
ADE-205-217D (Z)
5th. Edition
December 1999
Description
The HD74ALVC162834 is an 18-bit universal bus driver designed for 2.3 V to 3.6 V V
CC operation.
Data flow from A to Y is controlled by the output enable (
OE). The device operates in the transparent mode
when the latch enable (
LE) is low. When LE is low, the A data is latched if the clock (CLK) input is held
at a high or low logic level. If the
LE is high, the A data is stored in the latch/flip flop on the low to high
transition of CLK. When
OE is high, the outputs are in the high impedance state.
To ensure the high impedance state during power up or power down,
OE should be tied to V
CC through a
pullup registor; the minimum value of the registor is determined by the current sinking capability of the
driver.
All outputs, which are designed to sink up to 12 mA, include 26
Ω resistors to reduce overshoot and
undershoot.
Features
• Meets “PC SDRAM registered DIMM design support document, Rev. 1.2”
• V
CC = 2.3 V to 3.6 V
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±12 mA (@V
CC = 3.0 V)
• All outputs have equivalent 26 Ω series resistors, so no external resistors are required


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn