Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74ALVC162834 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74ALVC162834
Description  18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74ALVC162834 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HD74ALVC162834
6
Electrical Characteristics
Ta = –40 to 85
°C
Item
Symbol V
CC (V)
Min
Max
Unit Test Conditions
Input voltage
V
IH
2.3 to 2.7
1.7
V
2.7 to 3.6
2.0
V
IL
2.3 to 2.7
0.7
V
2.7 to 3.6
0.8
Output voltage
V
OH
2.3 to 3.6
V
CC–0.2
V
I
OH = –100 µA
2.3
1.9
I
OH = –4 mA, VIH = 1.7 V
2.3
1.7
I
OH = –6 mA, VIH = 1.7 V
3.0
2.4
I
OH = –6 mA, VIH = 2.0 V
2.7
2.0
I
OH = –8 mA, VIH = 2.0 V
3.0
2.0
I
OH = –12 mA, VIH = 2.0 V
V
OL
2.3 to 3.6
0.2
V
I
OL = 100 µA
2.3
0.4
I
OL = 4 mA, VIL = 0.7 V
2.3
0.55
I
OL = 6 mA, VIL = 0.7 V
3.0
0.55
I
OL = 6 mA, VIL = 0.8 V
2.7
0.6
I
OL = 8 mA, VIL = 0.8 V
3.0
0.8
I
OL = 12 mA, VIL = 0.8 V
Input current
I
IN
3.6
±5.0
µAV
IN = VCC or GND
Off state output current
I
OZ
3.6
±10
µAV
OUT = VCC or GND
Quiescent supply current I
CC
3.6
40
µAV
IN = VCC or GND
∆I
CC
3.0 to 3.6
750
µA
One input at (V
CC–0.6)V,
other inputs at V
CC or GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn