Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74ALVC162834 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74ALVC162834
Description  18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74ALVC162834 Datasheet(HTML) 4 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HD74ALVC162834
4
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
V
CC
–0.5 to 4.6
V
Input voltage range
*1
V
I
–0.5 to 4.6
V
Output voltage range
*1, 2
V
O
–0.5 to V
CC+0.5
V
Input clamp current
I
IK
–50
mA
V
I < 0
Output clamp current
I
OK
±50
mA
V
O < 0 or VO > VCC
Continuous output current
I
O
±50
mA
V
O = 0 to VCC
V
CC, GND current / pin
I
CC or IGND
±100
mA
Maximum power dissipation
at Ta = 55
°C (in still air) *3
P
T
1
W
TSSOP
Storage temperature range
Tstg
–65 to 150
°C
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “recommended operating condition” is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
Notes: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp
current ratings are observed.
2. The input and output positive-voltage ratings may be exceeded up to 4.6 V if the input and output
clamp-current ratings are observed.
3. The maximum power dissipation is calculated using a junction temperature of 150
°C and board
trace length of 750 mils.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage
V
CC
2.3
3.6
V
Input voltage
V
I
0V
CC
V
Output voltage
V
O
0V
CC
V
High-level output current
I
OH
—–6
mA
V
CC = 2.3 V
—–8
V
CC = 2.7 V
–12
V
CC = 3.0 V
Low-level output current
I
OL
6
mA
V
CC = 2.3 V
—8
V
CC = 2.7 V
—12
V
CC = 3.0 V
Input transition rise or fall rate
∆t/∆v
0
10
ns/V
Operating free-air temperature
Ta
–40
85
°C
Note: Unused or floating control pins must be held high or low.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn