Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC74 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74AC74
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC74 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74AC74 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC74 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC74 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC74 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC74 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC74 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC74 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC74 Datasheet HTML 9Page - Hitachi Semiconductor HD74AC74 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-14
Conforms
Conforms
0.97 g
Unit: mm
7.62
0.25
0
° – 15°
19.20
20.32 Max
1
8
14
7
1.30
2.54
± 0.25
0.48
± 0.10
+ 0.10
– 0.05
2.39 Max


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn