Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV3418PG-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV3418PG-G
Description  64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV3418PG-G Datasheet(HTML) 5 Page - Supertex, Inc

  HV3418PG-G Datasheet HTML 1Page - Supertex, Inc HV3418PG-G Datasheet HTML 2Page - Supertex, Inc HV3418PG-G Datasheet HTML 3Page - Supertex, Inc HV3418PG-G Datasheet HTML 4Page - Supertex, Inc HV3418PG-G Datasheet HTML 5Page - Supertex, Inc HV3418PG-G Datasheet HTML 6Page - Supertex, Inc HV3418PG-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
HV3418
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Function Table
Function
Inputs
Outputs
Data
CLK
LE
BL
POL
DIR
Shift Reg
HV Outputs
Data Out
*
1
2...64
1
2...64
All on
X
X
X
L
L
X
*
*...*
H
H...H
*
All off
X
X
X
L
H
X
*
*...*
L
L...L
*
Invert mode
X
X
L
H
L
X
*
*...*
*
*...*
*
Load S/R
H or L
L
H
H
X
H or L
*...*
*
*...*
*
Load/store
data in latches
X
X
H
H
X
*
*...*
*
*...*
*
X
X
H
L
X
*
*...*
*
*...*
*
Transparent
latch mode
L
H
H
H
X
L
*...*
L
*...*
*
H
H
H
H
X
H
*...*
H
*...*
*
I/O relation
D
IOA
X
X
X
L
Q
N
Q
N+1
-
D
IOB
D
IOB
X
X
X
H
Q
N
Q
N+1
-
D
IOA
Notes:
H = high level, L = low level = 0V, X = irrelevant, ↑ = low-to-high transition, ↓ = high-to-low transition.
* = dependent on previous stage’s state before the last CLK or last LE high.


Similar Part No. - HV3418PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418PG-G SUTEX-HV3418PG-G Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV3418PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV507 SUTEX-HV507 Datasheet
453Kb / 5P
   300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV3527 SUTEX-HV3527 Datasheet
415Kb / 5P
   275V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
   8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com