Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC365 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD74AC365
Description  Hex Buffer/Driver with 3-State Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74AC365 Datasheet(HTML) 3 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74AC365/HD74ACT365
3
AC Characteristics: HD74AC365
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
7.0
9.0
1.0
10.0
ns
5.0
1.0
5.0
7.0
1.0
7.5
Propagation delay
t
PHL
3.3
1.0
7.0
9.0
1.0
10.0
ns
5.0
1.0
5.0
7.0
1.0
7.5
Enable time
t
PZH
3.3
1.0
9.0
12.5
1.0
13.0
ns
5.0
1.0
7.0
9.0
1.0
9.5
Enable time
t
PZL
3.3
1.0
10.0
12.5
1.0
13.5
ns
5.0
1.0
8.0
10.0
1.0
10.5
Disable time
t
PHZ
3.3
1.0
9.5
12.0
1.0
12.5
ns
5.0
1.0
7.5
10.0
1.0
10.5
Disable time
t
PLZ
3.3
1.0
9.0
12.5
1.0
13.5
ns
5.0
1.0
7.0
10.0
1.0
10.5
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V
AC Characteristics: HD74ACT365
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
5.0
1.0
6.5
9.0
1.0
10.0
ns
Propagation delay
t
PHL
5.0
1.0
6.5
9.0
1.0
10.0
ns
Enable time
t
PZH
5.0
1.0
8.0
10.5
1.0
11.0
ns
Enable time
t
PZL
5.0
1.0
9.5
12.0
1.0
13.0
ns
Disable time
t
PHZ
5.0
1.0
9.5
12.0
1.0
13.0
ns
Disable time
t
PLZ
5.0
1.0
8.0
10.5
1.0
11.5
ns
Note:
1. Voltage Range 5.0 is 5.0 V
± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
45.0
pF
V
CC = 5.0 V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn