Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC365 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HD74AC365
Description  Hex Buffer/Driver with 3-State Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74AC365 Datasheet(HTML) 2 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74AC365/HD74ACT365
2
Logic Symbol
OE1
OE2
O
I
Pin Names
OE
1, OE2
3-State Output: Enable Input (Active Low)
I
Inputs
O
Outputs
Truth Table
Inputs
Output
OE
1
OE
2
IO
LL
L
L
LL
H
H
XH
X
Z
HX
X
Z
H :
High Voltage Level
L
:
Low Voltage Level
X :
Immaterial
Z
:
High Impedance
DC Characteristics (unless otherwise specified)
Item
Symbol
Max
Unit
Condition
Maximum quiescent supply current
I
CC
80
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = Worst case
Maximum quiescent supply current
I
CC
8.0
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = 25
°C
Maximum I
CC/input (HD74ACT365)
I
CCT
1.5
mA
V
IN = VCC – 2.1 V, VCC = 5.5 V,
Ta = Worst case


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn