Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC283 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HD74AC283
Description  4-bit Binary Full Adder with Fast Carry
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74AC283 Datasheet(HTML) 2 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HD74AC283/HD74ACT283
2
Logic Symbol
C0
C4
A0
S0
S1
S2
S3
A1
A2
A3
B1
B2
B3
B0
Pin Names
A
0 – A3
A Operand Inputs
B
0 – B3
B Operand Inputs
C
0
Carry Input
S
0 – S3
Sum Outputs
C
4
Carry Output
Functional Description
The HD74AC283/HD74ACT283 adds two 4-bit binary words (A plus B) plus the incoming Carry (C
0).
The binary sum appears on the Sum (S
0 – S3) and outgoing carry (C4) outputs.
The binary weight of the
various inputs and outputs is indicated by the subscript numbers, representing powers of two.
2
0 (A
0 + B0 + C0) + 2
1 (A
1 + B1) + 2
2 (A
2 + B2) + 2
3 (A
3 + B3) = S0 + 2S1 + 4S2 + 8S3 + 16C4
Where (+) = plus
Interchanging inputs of equal weight does not affect the operation. Thus C
0, A0, B0 can be arbitrarily
assigned to pins 5, 6 and 7 for DIPS.
Due to the symmetry of the binary add function, the
HD74AC283/HD74ACT283 can be used either with all inputs and outputs active High (positive logic) or
with all inputs and outputs active Low (negative logic). See Figure a. Note that if C
0 is not used it must be
tied Low for active High logic or tied High for active Low logic.
Due to pin limitations, the intermediate carries of the HD74AC283/HD74ACT283 are not brought out for
use as inputs or outputs. However, other means can be used to effectively insert a carry into, or bring a
carry out from, an intermediate stage. Figure b shows how to make a 3-bit adder. Tying the operand inputs
of the fourth adder (A
3, B3) Low makes S3 dependent only on, and equal to, the carry from the third adder.
Using somewhat the same principle Figure c shows a way of dividing the HD74AC283/HD74ACT283 into
a 2-bit and a 1-bit adder. The third stage adder (A
2, B2, S 2) is used merely as a means of getting a carry
(C
10) signal into the fourth stage (via A 2 and B2) and bringing out the carry from the second stage on S2.
Note that as long as A
2 and B2 are the same, whether High or Low, they do not influence S2.
Similarly,
when A
2 and B2 are the same the carry into the third stage does not influence the carry out of the third


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74F2834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreFairchild Semiconductor
SN54LS83A4-BIT BINARY FULL ADDER WITH FAST CARRY 1 2 3 Motorola, Inc
CD54AC2834-Bit Binary Full Adder with Fast Carry 1 Intersil Corporation
HD74HC834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreHitachi Semiconductor
542834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreNational Semiconductor (TI)
74HC283N4-bit binary full adder with fast carry 1 2 3 4 5 MoreNXP Semiconductors
SN54LS2834-BIT BINARY FULL ADDER WITH FAST CARRY 1 2 3 4 Motorola, Inc
54ACT2834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreNational Semiconductor (TI)
54F283DM4-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreNational Semiconductor (TI)
74HC2834-bit binary full adder with fast carry 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn