Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC283 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74AC283
Description  4-bit Binary Full Adder with Fast Carry
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC283 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74AC283 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 9Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD74AC283/HD74ACT283
6
AC Characteristics: HD74AC283
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
11.5
15.0
1.0
16.5
ns
C
0 to S n
5.0
1.0
9.5
11.5
1.0
12.5
Propagation delay
t
PHL
3.3
1.0
10.5
14.0
1.0
15.5
ns
C
0 to S n
5.0
1.0
8.5
10.5
1.0
11.5
Propagation delay
t
PLH
3.3
1.0
14.0
17.0
1.0
18.5
ns
A
n or Bn to S n
5.0
1.0
11.5
13.5
1.0
14.5
Propagation delay
t
PHL
3.3
1.0
13.5
16.5
1.0
18.0
ns
A
n or Bn to S n
5.0
1.0
11.0
13.0
1.0
14.0
Propagation delay
t
PLH
3.3
1.0
9.5
12.5
1.0
15.5
ns
C
0 to C4
5.0
1.0
7.5
9.5
1.0
10.5
Propagation delay
t
PHL
3.3
1.0
10.0
13.0
1.0
14.0
ns
C
0 to C4
5.0
1.0
8.0
10.0
1.0
11.0
Propagation delay
t
PLH
3.3
1.0
11.5
14.5
1.0
16.0
ns
A
n or Bn to C4
5.0
1.0
9.5
11.5
1.0
12.5
Propagation delay
t
PHL
3.3
1.0
12.0
15.0
1.0
16.5
ns
A
n or Bn to C4
5.0
1.0
10.0
12.0
1.0
13.0
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74F2834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreFairchild Semiconductor
SN54LS83A4-BIT BINARY FULL ADDER WITH FAST CARRY 1 2 3 Motorola, Inc
CD54AC2834-Bit Binary Full Adder with Fast Carry 1 Intersil Corporation
HD74HC834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreHitachi Semiconductor
542834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreNational Semiconductor (TI)
74HC283N4-bit binary full adder with fast carry 1 2 3 4 5 MoreNXP Semiconductors
SN54LS2834-BIT BINARY FULL ADDER WITH FAST CARRY 1 2 3 4 Motorola, Inc
54ACT2834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreNational Semiconductor (TI)
54F283DM4-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreNational Semiconductor (TI)
74HC2834-bit binary full adder with fast carry 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn