Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC245 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD74AC245
Description  Octal Bidirectional Transceiver with 3-State Input/Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74AC245 Datasheet(HTML) 3 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74AC245/HD74ACT245
3
DC Characteristics (unless otherwise specified)
Item
Symbol
Max
Unit
Condition
Maximum quiescent supply current
I
CC
80
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = Worst case
Maximum quiescent supply current
I
CC
8.0
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = 25
°C
Maximum additional I
CC/input
(HD74ACT245)
I
CCT
1.5
mA
V
IN = VCC – 2.1 V, VCC = 5.5 V,
Ta = Worst case
AC Characteristics: HD74AC245
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
5.0
8.5
1.0
9.0
ns
Data to output
5.0
1.0
3.5
6.5
1.0
7.0
Propagation delay
t
PHL
3.3
1.0
5.0
8.5
1.0
9.0
ns
Data to output
5.0
1.0
3.5
6.0
1.0
7.0
Output enable time
t
PZH
3.3
1.0
7.0
11.5
1.0
12.5
ns
5.0
1.0
5.0
8.5
1.0
9.0
Output enable time
t
PZL
3.3
1.0
7.5
12.0
1.0
13.5
ns
5.0
1.0
5.5
9.0
1.0
9.5
Output disable time
t
PHZ
3.3
1.0
6.5
12.0
1.0
12.5
ns
5.0
1.0
5.5
9.0
1.0
10.0
Output disable time
t
PLZ
3.3
1.0
7.0
11.5
1.0
13.0
ns
5.0
1.0
5.5
9.0
1.0
10.0
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn