Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD3V3L5UK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD3V3L5UK
Description  Low capacitance unidirectional fivefold ESD protection diode arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3L5UK Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD3V3L5UK Datasheet HTML 1Page - NXP Semiconductors PESD3V3L5UK Datasheet HTML 2Page - NXP Semiconductors PESD3V3L5UK Datasheet HTML 3Page - NXP Semiconductors PESD3V3L5UK Datasheet HTML 4Page - NXP Semiconductors PESD3V3L5UK Datasheet HTML 5Page - NXP Semiconductors PESD3V3L5UK Datasheet HTML 6Page - NXP Semiconductors PESD3V3L5UK Datasheet HTML 7Page - NXP Semiconductors PESD3V3L5UK Datasheet HTML 8Page - NXP Semiconductors PESD3V3L5UK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PESD3V3L5UK_PESD5V0L5UK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 25 August 2010
4 of 15
NXP Semiconductors
PESD3V3L5UK; PESD3V3L5UK
Low capacitance unidirectional fivefold ESD protection diode arrays
Fig 1.
8/20
μs pulse waveform according to
IEC 61000-4-5
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
t (
μs)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e−t
100 % IPP; 8 μs
50 % IPP; 20 μs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns


Similar Part No. - PESD3V3L5UK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3L5UK NEXPERIA-PESD3V3L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1 - 25 August 2010
More results

Similar Description - PESD3V3L5UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL5UF NXP-PESDXL5UF Datasheet
105Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
logo
Nexperia B.V. All right...
PESDXL5UF NEXPERIA-PESDXL5UF Datasheet
655Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
PESD3V3L5UK NEXPERIA-PESD3V3L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
   FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com